Part Number Hot Search : 
N6302 C5121 500RL F06T4 MAE13030 HT9274 SBS00 T4005
Product Description
Full Text Search
 

To Download IN74HC139A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data IN74HC139A dual 1-of-4 decoder/demultiplexer ordering information in74hc 139an pl ast i c in74hc 139ad soic t a = -55 t o 125 c for all packages the in74hc 139a i s i d ent i cal i n pi nout t o t h e ls/ a ls139. the devi ce i nput s are com p at i b l e wi t h st andard c m os out put s; wi t h pul l up resistors, they are com p a tible with ls/alsttl outputs. this device consists of two inde pendent 1-of-4 decoders, each of whi c h decodes a t w o-bi t address t o one-of-four act i v e-l o w out put s. activ e-lo w selects are p r o v i d e d to facilitate th e d e m u ltip lex i n g an d cascading functions. the dem u ltiple xing function is accom p lished by using the address inputs to select the desired device output, and utilizing t h e sel ect as a dat a i nput . ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 2.0 t o 6.0 v ? low input c u rrent : 1.0 a ? high noise im m unity characteristic of cmos devices pin assignment logic diagram pin 16 =v cc pin 8 = gnd function table input s o u t put s s e l e c t a 1 a0 y0 y 1 y 2 y3 h x x h h h h l l l l h h h l l h h l h h l h l h h l h l h h h h h l x = don?t care rev. 00
IN74HC139A maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -1.5 t o v cc +1.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put c u rrent , per pi n 25 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip ** soic package ** 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. ** derating - plastic dip: - 10 m w / c from 65 t o 125 c soic package: - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 2.0 6.0 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t a operat i ng tem p erat ure, al l package ty pes -55 +125 c t r , t f input r i se and fal l ti m e (fi gure 1) v cc =2.0 v v cc =4.5 v v cc =6.0 v 0 0 0 1000 500 400 ns thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. rev. 00
IN74HC139A dc electrical characteristics (voltages referenced to gnd) v cc guaranteed lim it sy m bol p a r a m e t e r test c ondi t i o n s v 25 c to -55 c 85 c 125 c unit v ih m i ni m u m hi gh- level input vol t a ge v out =0.1 v or v cc -0.1 v ? i out ? 20 a 2.0 4.5 6.0 1.5 3.15 4.2 1.5 3.15 4.2 1.5 3.15 4.2 v v il m a x i mu m l o w - level input vol t a ge v out =0.1 v or v cc -0.1 v ? i out ? 20 a 2.0 4.5 6.0 0.5 1.35 1.8 0.5 1.35 1.8 0.5 1.35 1.8 v v oh m i ni m u m hi gh- level out put vol t a ge v in =v ih or v il ? i out ? 20 a 2.0 4.5 6.0 1.9 4.4 5.9 1.9 4.4 5.9 1.9 4.4 5.9 v v in =v ih or v il ? i out ? 4.0 m a ? i out ? 5.2 m a 4.5 6.0 3.98 5.48 3.84 5.34 3.7 5.2 v ol m a x i mu m l o w - level out put vol t a ge v in =v ih or v il ? i out ? 20 a 2.0 4.5 6.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in =v ih or v il ? i out ? 4.0 m a ? i out ? 5.2 m a 4.5 6.0 0.26 0.26 0.33 0.33 0.4 0.4 i in m a xi m u m input leakage current v in =v cc or gnd 6.0 0.1 1.0 1.0 a i cc m a x i mu m q u i e s c e n t suppl y c u rrent (per package) v in =v cc or gnd i out =0 a 6.0 4 . 0 4 0 1 6 0 a rev. 00
IN74HC139A ac electrical characteristics (c l =50pf,input t r =t f =6.0 ns) v cc guaranteed lim it sym b o l p a r a m e t e r v 25 c to -55 c 85 c 125 c unit t plh , t phl m a xi m u m propagat i on del a y , sel ect t o out put y (fi gures 1 and 3) 2.0 4.5 6.0 115 23 20 145 29 25 175 35 30 ns t plh , t phl m a xi m u m propagat i on del a y , input a t o out put y (fi gures 2 and 3) 2.0 4.5 6.0 115 23 20 145 29 25 175 35 30 ns t tlh , t thl m a xi m u m out put transi t i on ti m e , any out put (fi gures 1 and 3) 2.0 4.5 6.0 75 15 13 95 19 16 110 22 19 ns c in m a xi m u m input c a paci t a nce - 10 10 10 pf power di ssi pat i on c a paci t a nce (per decoder) typical @25 c,v cc =5.0 v c pd used t o det e rm i n e t h e no-l o ad dy nam i c power consum pt i on: p d =c pd v cc 2 f+i cc v cc 5 5 p f figure 1. sw itching waveforms figure 2. sw itching waveforms rev. 00
IN74HC139A figure 3. test circuit expanded logic diagram (1/ 2 of devi ce) rev. 00
IN74HC139A n s u f f i x p l as t i c di p (m s - 0 0 1 b b ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a c) sy m b o l m i n m a x a 9. 8 1 0 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 5. 72 2. 54 7. 62 1. 27 d i me n s i o n , mm d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0 . 25 ( 0 . 010 ) m t -t - 1 16 8 9 l h m j a b f g d se a t i n g pl a n e n k 0. 2 5 ( 0 . 010) m t -t - c 1 16 8 9 rev. 00


▲Up To Search▲   

 
Price & Availability of IN74HC139A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X